PART |
Description |
Maker |
MAX19517 |
Dual-Channel, 10-Bit, 130Msps ADC
|
Maxim Integrated Products
|
ISLA224IR72EV1Z |
Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
|
Renesas Electronics Corporation
|
HI5828_01 HI5828 HI5828IN |
D/A Converter, Dual, 12-Bit, 130MSPS, High Speed 12-Bit, 125 MSPS, CommLink⑩ Dual High Speed CMOS D/A (2.7V-5.5V)
|
INTERSIL[Intersil Corporation]
|
EL2223 EL2223C EL2223J EL2223CJ EL2223L/883B EL222 |
12-Bit, 3.3V, 130MSPS, CommLinkTM High Speed D/A Converter (TSSOP); Temperature Range: -40°C to 85°C; Package: 28-SOIC Laser Diode Driver with Waveform Generator; Temperature Range: 0°C to 70°C; Package: 28-QFN T&R 12-Bit, 3.3V, 130MSPS, CommLinkTM High Speed D/A Converter (TSSOP); Temperature Range: -40°C to 85°C; Package: 28-TSSOP High Speed Operational Amplifier Dual, 500 MHz High Speed, Operational Amplifier
|
Elantec Semiconductor
|
M74HC352B1R M74HC353M1R M54HC352 M54HC352B1R M54HC |
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT(INV.) HC352: DUAL 4 CHANNEL MULTIPLEXER(INV.) HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV. 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 8-CDIP -55 to 125 VDSL Codec 80-LQFP -40 to 85 12-Bit, Single Channel DAC, Parallel, Voltage Out, Low Power, Asynchronous Update 20-SOIC 0 to 70
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
M74HC153 M74HC153B1R M74HC153C1R M74HC153F1R M74HC |
HC153 DUAL 4 CHANNEL MULTIPLEXER HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC153 DUAL 4 CHANNEL MULTIPLEXER 12-Bit, 3 us Quad DAC, Serial Input, Pgrmable Settling Time, Low Power, H/W or S/W PowerDown 16-SOIC -40 to 85 HC253通道多三态输出的HC153通道
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
AD10226/PCB AD10226AB AD10226-15 |
Dual Channel, 12-Bit 125 MSPS IF Sampling A/D Converter ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
|
Analog Devices, Inc.
|
AD9248BCPZRL7-20 AD9248BCPZRL7-40 AD9248BCPZRL7-65 |
14-Bit, 20/40/65 MSPS Dual A/ D Converter DUAL 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC64 14-Bit, 20/40/65 MSPS Dual A/ D Converter 14位,20/40/65 MSPS双通道的A / D转换 14-Bit/ 20/40/65 MSPS Dual A/ D Converter
|
Analog Devices, Inc. ANALOG DEVICES INC
|
FSSD07 FSSD07BQX FSSD07UMX |
1-Bit / 4 Bit SD/SDIO and MMC Dual-Host Multiplexer; 24-UMLP 2-CHANNEL, DIFFERENTIAL MULTIPLEXER, PQCC24 1-Bit / 4 Bit SD/SDIO and MMC Dual-Host Multiplexer; 24-MLP 2-CHANNEL, DIFFERENTIAL MULTIPLEXER, PQCC24 1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
|
Fairchild Semiconductor, Corp.
|
AT84AD004 AT84XAD004TD |
Dual 8-bit 500 Msps ADC Provides 500 Msps sampling per channel or 1 Gsps sampling from one channel (interleaving mode) and integrates ... Smart ADC. Dual 8-bit 500 Msps ADC. Temperature range ambient.
|
Atmel
|